Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2303PSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2303PSA
Description  P Enhancement Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2303PSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2303PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2303PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2303PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2303PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2303PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2303PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2303PSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static Characteristics
Drain-source breakdown voltage
-V(BR)DSS
VGS = 0V, ID =-250µA
30
V
Zero gate voltage drain current
-IDSS
VDS =-
30V,VGS = 0V
1
µA
Gate-source leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Drain-source on-resistance Note2
RDS(on)
VGS =-10V, ID =-
2A
75
130
mΩ
VGS =-4.5V, ID =-
1.5A
115
180
mΩ
Gate threshold voltage Note2
-VGS(th)
VDS =VGS, ID =-250µA
1
1.
6
2.5
V
Dynamic Characteristics
Input capacitance
Ciss
VDS =-15V,VGS =0V,f =1MHz
226
pF
Output capacitance
Coss
47
pF
Reverse transfer capacitance
Crss
28
pF
Switching Characteristics
Turn-on delay time
td(on)
VGS=-10V,VDS=-15V,
RL=
15Ω,RGEN=6Ω
9
n
S
Turn-on rise time
tr
9
n
S
Turn-off delay time
td(off)
18
n
S
Turn-off fall time
tf
6
n
S
Notes:
1.
Surface mounted on FR4 board,t ≤ 10 sec.
2.
Pulse test: Pulse width ≤300µs, duty cycle ≤2%.
2 / 7
Electrical Characteristics (TA=25℃ unless otherwise specified)
Source-Drain Diode Characteristics
Diode forward voltage
VSD
IS=-
2A,VGS=0V
-1
.2
V
Forward tranconductance Note2
gFS
VDS =-
10V, ID =-2A
2
S
www.pingjingsemi.com
Revision:1.0 Jun-2019
Total Gate Charge
VGS=-10V,VDS=-15V,
ID=-2A
8.5
n
C
Gate Source Charge
2.3
n
C
Gate Drain Charge
Qgd
1.5
n
C
Qg
Qgs
PJM2303PSA
P Enhancement Field Effect Transistor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com