Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3401PSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3401PSA
Description  P-Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3401PSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3401PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 / 6
Electrical Characteristics (TA=25℃ unless otherwise specified)
PJM3401PSA
P-Enhancement Field Effect Transistor
Parameter
Symbol
Test Condition
Min.
Typ.
Max. Units
Static Characteristics
Drain-source breakdown voltage
-V(BR)DSS
VGS = 0V, ID=-250µA
30
V
Drain to Source Leakage Current
-IDSS
VDS =-24V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±12V, VDS = 0V
±100
nA
Gate threshold voltage Note2
-VGS(th)
VDS =VGS, ID =-250µA
0.7
1.3
V
Drain-source on-resistance Note2
RDS(on)
VGS =-10V, ID =-4.1A
65
mΩ
VGS =-4.5V, ID =-2A
85
mΩ
Forward transconductance Note2
gFS
VDS =-5V, ID =-5A
S
Dynamic characteristics
7
--
--
--
--
--
--
--
--
--
--
--
--
--
Input Capacitance
Ciss
VDS = -15V,VGS = 0V,f=1MHz
954
pF
Output Capacitance
Coss
115
Reverse Transfer Capacitance
Crss
77
Switching Characteristics
Turn-on delay time
td(on)
VDD=-15V,
VGS=-10V,RGEN =6Ω,
RL =3.6Ω,
ns
Turn-on rise time
tr
Turn-off delay time
td(off)
Turn-off fall time
tf
--
--
--
--
--
--
--
--
--
--
--
--
--
--
6.3
3.2
38.2
12
Source-Drain Diode characteristics
Diode Forward voltage
-VDS
VGS =0V, IS=-
1A
1
V
Note
s: 1. Surface mounted on FR4 board,t ≤ 10 sec.
2. Pulse test ; pulse width ≤300μs, duty cycle ≤2%.
--
--
www.pingjingsemi.com
Revision:2.1 Jun-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com