Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3402NSC Datasheet(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3402NSC
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3402NSC Datasheet(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3402NSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PJM3402NSC
N- Enhancement Mode Field Effect Transistor
4 / 7
www.pingjingsemi.com
Revision:1.0 May-2019
00
22
44
66
88
1100
00
66
22
44
88
1100
1122
Q
Q
g
g (
(n
nC
C))
F
Fiig
gu
urre
e 7
7:: G
Ga
atte
e--C
Ch
ha
arrg
ge
e C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
00
5500
110000
115500
220000
225500
330000
335500
440000
00
1100
55
1155
2200
2255
3300
V
V
D
DS
S (
(V
Vo
olltts
s))
F
Fiig
gu
urre
e 8
8:: C
Ca
ap
pa
ac
ciitta
an
nc
ce
e C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
C
Ciissss
C
Coossss
C
Crrssss
VVDDSS==1155VV
IIDD==44AA
11
1100
110000
11000000
1100000000
00..0000000011
00..000011
00..11
1100
11000000
P
Pu
ulls
se
e W
Wiid
dtth
h ((s
s))
F
Fiig
gu
urre
e 1
10
0:: S
Siin
ng
glle
e P
Pu
ulls
se
e P
Po
ow
we
err R
Ra
attiin
ng
g J
Ju
un
nc
cttiio
on
n--tto
o--
A
Am
mb
biie
en
ntt ((N
No
otte
e F
F))
TTAA==2255°
°
C
C
00..00
00..11
11..00
1100..00
110000..00
00..0011
00..11
11
1100
110000
V
V
D
DS
S (
(V
Vo
olltts
s))
F
Fiig
gu
urre
e 9
9:: M
Ma
ax
xiim
mu
um
m F
Fo
orrw
wa
arrd
d B
Biia
as
se
ed
d S
Sa
affe
e
O
Op
pe
erra
attiin
ng
g A
Arre
ea
a ((N
No
otte
e F
F))
1100µµss
1100ss
11m
mss
D
DC
C
R
RDDSS((OONN))
lliim
miitteedd
TTJJ((MMaaxx))==115500°
°
C
C
TTAA==2255°
°
C
C
110000µµss
1100m
mss
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=125°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com