Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3404NSC Datasheet(PDF) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3404NSC
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3404NSC Datasheet(HTML) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3404NSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Device
Package
Shipping
PJM3404NSC
SOT-23-3
3000/Reel&Tape(7inch)
PJM3404NSC
N- Enhancement Mode Field Effect Transistor
5 / 7
Package Outline
SOT-23-3
Dimensions in mm
Ordering Information
www.pingjingsemi.com
Revision:1.0 Jun-2019
0
.35
R0.15MAX
`4X
A
2.92
0.95
R0.15MAX
`4X
12
10
10
12
±0
.05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com