Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3404NSQ Datasheet(PDF) 7 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3404NSQ
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3404NSQ Datasheet(HTML) 7 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3404NSQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSQ Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSQ Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3404NSQ Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PJM3404NSQ
N- Enhancement Mode Field Effect Transistor
7 / 7
www.pingjingsemi.com
Revision:1.0 Jun-2019
Package Specifications unit: mm
The method of packaging
SOT-89
10,000 pcs per box
10 reels per box
40,000 pcs per carton
4 boxes per carton
1,000 pcs per reel
Embossed tape and reel data
Reel (7'')
Tape (12mm)
435
220
210
195
Cover Tape
Carrier Tape
2.7±0.2
13.5±0.2
10.0±0.2
179±1
1.0±0.2
+1
12.7
0.2
-
15.3±0.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com