Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3407BPSA Datasheet(PDF) 6 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3407BPSA
Description  P Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3407BPSA Datasheet(HTML) 6 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3407BPSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407BPSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407BPSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407BPSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407BPSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407BPSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The method of packaging
SOT-23
30,000 pcs per box
10 reels per box
120,000 pcs per carton
4 boxes per carton
3,000 pcs per reel
1
2
3
Embossed tape and reel data
G
T
A
1Pin
4.0
4.0
C
Symbol
B
2
C
± 0.5
13 ± 0.5
D
178 ± 2.0
G
8.4 ± 1.5
H
4 ± 0.5
N
60
T
< 14.9
A
Value (unit: mm)
E
F
3.15 ± 0.1
2.7 ± 0.1
1.25 ± 0.1
Reel (7'')
Tape (8mm)
E
120°±2°
H
F
210
195
435
220
6 / 6
Package Specifications
www.pingjingsemi.com
Revision:1.0 Jun-2019
PJM3407BPSA
P Enhancement Field Effect Transistor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com