Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3407PSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3407PSA
Description  P Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3407PSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3407PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3407PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1E-5
-1E-4
-1E-3
-0.01
-0.1
-1
-10
-0
-1
-2
-3
-4
-0
-1
-2
-3
-4
-5
-0
-2
-4
-6
-8
-10
20
40
60
80
100
-2
-4
-6
-8
-10
30
60
90
120
150
180
-0
-1
-2
-3
-4
-5
-0
-5
-10
-15
-20
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
I
S
—— V
SD
T
a=25
℃
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS=-4.5V
V
GS=-10V
I
D
——
R
DS(ON)
DRAIN CURRENT I
D
(A)
V
GS
——
R
DS(ON)
I
D=-4.1A
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS=-10
、
-5.0、-4.5、-4.0V
V
GS=-3.5V
V
GS=-3.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
PJM3407PSA
P Enhancement Field Effect Transistor
3 / 6
Typical Curves
www.pingjingsemi.com
Revision:1.1 Jun-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com