Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3416NSC Datasheet(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3416NSC
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3416NSC Datasheet(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3416NSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3416NSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3416NSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3416NSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3416NSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3416NSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3416NSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 / 7
PJM3416NSC
N- Enhancement Mode Field Effect Transistor
www.pingjingsemi.com
Revision:1.0 May-2019
40
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
1.0
0.2
0.4
0.6
0.8
25°C
125°C
0
0
1
1
2
2
3
3
4
4
5
5
0
0
1
10
0
1
12
2
2
2
4
4
6
6
8
8
0
0
2
20
00
0
4
40
00
0
6
60
00
0
8
80
00
0
1
10
00
00
0
1
12
20
00
0
1
14
40
00
0
1
16
60
00
0
1
18
80
00
0
0
0
2
20
0
5
5
1
10
0
1
15
5
C
C
iiss
ss
C
C
o
oss
ss
C
C
rrss
ss
V
V
D
DS
S=
=1
10
0V
V
II
D
D=
=6
6..5
5A
A
Vsd Source-Drain Voltage (V)
Source- Drain Diode Forward
Qg Gate Charge (nC)
Gate Charge
Vds Drain-Source Voltage (V)
Capacitance vs Vds
Vgs Gate-Source Voltage (V)
Rdson vs Vgs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com