Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN17294 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN17294
Description  ~20째 wide beam when used with one UV LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN17294 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN17294 Datasheet HTML 1Page - Ledil, Inc. FN17294 Datasheet HTML 2Page - Ledil, Inc. FN17294 Datasheet HTML 3Page - Ledil, Inc. FN17294 Datasheet HTML 4Page - Ledil, Inc. FN17294 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FN17294_VIOLET-12X1-S
VIOLET-12X1-S
~20° wide beam when used with one UV LED
TECHNICAL SPECIFICATIONS:
Dimensions
294.8 x 41.6 mm
Height
8.8 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
VIOLET-12X1-S
Multi-lens
Silicone
clear
VIOLET-12X1-FRAME
Accessory
Stainless steel
metal
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FN17294_VIOLET-12X1-S
» Box size: 398 x 298 x 150 mm
Multi-lens
78
26
26
7.7
Last update: 05/05/2020
Subject to change without prior notice
Published: 04/05/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - FN17294

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN100 ETC-FN100 Datasheet
168Kb / 1P
QUADRI FISSI E SEMIAUTOMATICI DI RIFASAMENTO
logo
Goodwork Semiconductor ...
FN1006D5 GWSEMI-FN1006D5 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
FN1006P GWSEMI-FN1006P Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
logo
List of Unclassifed Man...
FN1016 ETC2-FN1016 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Goodwork Semiconductor ...
FN1018G GWSEMI-FN1018G Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
More results

Similar Description - FN17294

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13325 LEDIL-F13325 Datasheet
15Mb / 33P
~20째 spot beam
C10386 LEDIL-C10386 Datasheet
2Mb / 5P
~20째 medium beam
C10373 LEDIL-C10373 Datasheet
2Mb / 4P
~20째 medium beam
F16885 LEDIL-F16885 Datasheet
2Mb / 4P
~20째 medium beam
F15538 LEDIL-F15538 Datasheet
3Mb / 6P
~20째 beam
C12286 LEDIL-C12286 Datasheet
2Mb / 6P
~20째 medium beam
C10921 LEDIL-C10921 Datasheet
1Mb / 6P
~20째 spot beam
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
CP17154 LEDIL-CP17154 Datasheet
2Mb / 4P
~20째 wide beam
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com