Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS60-14IO1 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CS60-14IO1
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CS60-14IO1 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CS60-14IO1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
CS60-14IO1
APPLICATIONS
·
It is suitable to fit all modes of control found in applications
such as overvoltage crowbar protection,motor control circuits
in power tools and kitchen aids,in-rush current limiting circuits,
capacitive discharge ignition, voltage regulation circuits etc.
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VDRM/VRRM
Repetitive peak off-state voltage
1500
V
IT(AV)
Average on-stage current
60
A
IT(RMS)
RMS on-state current
75
A
ITSM
Surge non-repetitive on-state current tp=10ms
1.4
KA
PG(AV)
Average gate power dissipation
0.5
W
Tj
Operating junction temperature
-40~140
℃
Tstg
Storage temperature
-40~140
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM/IDRM Repetitive peak off-state current VRM=VRRM,RGK= 220Ω,
Tj=25℃
200
μ
A
Tj=140℃
10
mA
VTM
On-state voltage
ITM= 60A
ITM= 60A;TJ=125℃
1.18
1.14
V
IGT
Gate-trigger current
VD = 6 V; IT = 0.1 A
100
mA
VGT
Gate-trigger voltage
VD = 6 V; IT = 0.1 A
1.5
V
IH
Holding current
IGT= 0.1A, VD= 6V
200
mA
Rth(j-c)
Thermal resistance
Junction to case
1.3
℃
/W
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment
which could have applications in hazardous environments, aerospace industry, or medical
field. Please contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.


Similar Part No. - CS60-14IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS60-14IO1 IXYS-CS60-14IO1 Datasheet
46Kb / 2P
Phase Control Thyristor
CS60-14IO1 IXYS-CS60-14IO1 Datasheet
294Kb / 5P
Thyristor Single Thyristor
More results

Similar Description - CS60-14IO1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com