Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-7315P Datasheet(PDF) 2 Page - Recom International Power

Part # R-7315P
Description  INNOLINE DC/DC-Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-7315P Datasheet(HTML) 2 Page - Recom International Power

  R-7315P Datasheet HTML 1Page - Recom International Power R-7315P Datasheet HTML 2Page - Recom International Power R-7315P Datasheet HTML 3Page - Recom International Power R-7315P Datasheet HTML 4Page - Recom International Power R-7315P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.recom-international.com
24-August-2005
Characteristics
Conditions
Min.
Typ.
Max.
Output Voltage Range
All Series
2.5
17V
Output Current
R-72xxP/D
0.2
2.0A
R-73xxP/D
0.3
3.0A
R-74xxP/D
0.4
4.0A
Output Current Limit
R-72xxP/D
2.5
3.0A
R-73xxP/D
3.75
4.25A
R-74xxP/D
5.0
5.5A
Short Circuit Input Current
All Series
50
100mA
Output Voltage Accuracy (At 100% Load)
All Series
±1%
±2%
Line Voltage Regulation (Vin = min. to max. at full load)
All Series
0.5
1.0%
Load Regulation (10 to 100% full load)
All Series
0.5
1.0%
Ripple & Noise
All Series
40mVp-p
70mVp-p
Transient Response (see note 1)
50% Load Change –
100µS
200µs
Vout Over / Undershoot
100mV
Remote ON / OFF (see note 2)
Open or High (Power ON)
4.5
28V
Low (Power OFF)
0.8V
Switching Frequency
270
300
330kHz
Shutdown current
ON / OFF Pin pulled low
100µA
Quiescent Current
Vin = min. to max. at 0% load
30mA
Operating Temperature Range
-40°C
+85°C
Operating Case Temperature
+110°C
Storage Temperature Range
-40°C
+125°C
Thermal Impedance
Natural Convection
25°C/W
Internal Power Dissipation
Ta < 60°C
1.4W
MTBF (Nominal Vout, 100% load)
Tamb. = +25°C
749kHrs
Tamb. = +85°C
150kHrs
R-7xxxP_D
Series
Specifications (refer to the standard application circuit, Ta: 25°C)
INNOLINE
DC/DC-Converter
Standard Application Circuit
Vout
Com
Vin
TTL
Com
2, 3, 4
9, 10, 11
R-72XX
R-73XX
R-74XX
R1
(Adjust down)
R2
(Adjust up)
12
5, 6, 7,8
1µF
(Optional)
1
C1
OFF
ON
Q1
C2
100µF/10V
(REQ`D)
Notes:
1. Requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications (the capacitor to be placed as close as possible to the output pins).
2. ON / OFF pin driven by TTL (logic gate), open-collector bipolar transistor or open-drain MOSFET.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com