Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4350SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC4350SQ
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC4350SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC4350SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4350SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4350SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4350SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4350SQ
NPN Transistor
2 / 4
www.pingjingsemi.com
Revison:1.0 Jan-2019
Characteristics at Ta = 25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 100 mA
at VCE = 2 V, IC = 500 mA
at VCE = 2 V, IC = 1 A
at VCE = 2 V, IC = 2 A
at VCE = 2 V, IC = 3 A
hFE
300
300
-
-
-
Collector Base Cutoff Current
at VCB = 50 V, IE=0
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V, IC=0
IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 μA
V(BR)CBO
50
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 μA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 2 A, IB = 100 mA
at IC = 3 A, IB = 300 mA
VCE(sat)
-
-
280
mV
Transition Frequency
at VCE = 5 V, IC =100 mA, f=100MHz
fT
100
-
-
MHz
Output Capacitance
at VCB = 10 V, IE = 0, f = 1 MHz
Cob
-
pF
-
Base Emitter Saturation Voltage
VBE(sat)
-
-
1.1
V
25
300
200
100
-
-
-
-
-
700
-
-
Collector Emitter Cutoff Current
at VCE = 50 V, VBE = 0 V
ICES
-
-
100
nA
-
-
320
at IC = 2 A, IB = 100 mA
at IC = 3 A, IB = 300 mA
-
-
1.2
Base Emitter Turn-on Voltage
at VCE = 2 V, IC =1 A
VBE(on)
-
-
1.1
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com