Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4373SQ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC4373SQ
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC4373SQ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC4373SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4373SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4373SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
120
V
Collector Emitter Voltage
VCEO
120
V
Emitter Base Voltage
VEBO
5
V
Collector Current - DC
IC
0.8
A
Collector Power Dissipation
PC
0.5
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
- 55 to + 150
℃
Characteristics at Ta = 25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 100 mA
Current Gain Group
hFE
80
120
-
-
160
240
-
Collector Base Cutoff Current
at VCB = 120 V
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at IC = 0.1 mA
V(BR)CBO
120
-
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
120
-
-
V
Emitter Base Breakdown Voltage
at IE = 0.1 mA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 500mA, IB = 50 mA
VCE(sat)
-
-
1
V
Transition Frequency
at VCE = 5 V, IC =500 mA
fT
-
120
-
MHz
Output Capacitance
at VCB = 10 V, IE = 0, f = 1 MHz
Cob
-
pF
2SC4373SQ
NPN Transistor
SOT-89
1. Base 2. Collector 3.Emitter
Marking: O:CX
Y:CY
1 / 3
www.pingjingsemi.com
Revison:1.0 Jan-2019
Features
⚫
High voltage
⚫
Excellent hFE characteristics
O
Y
Base Emitter Voltage
at VCE = 5 V, IC = 0.5 A
VBE
-
-
1
V
30
-


Similar Part No. - 2SC4373SQ

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4373 HTSEMI-2SC4373 Datasheet
369Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC4373 JIANGSU-2SC4373 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC4373 DGNJDZ-2SC4373 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC4373-HF KEXIN-2SC4373-HF_15 Datasheet
1Mb / 2P
NPN Transistors
More results

Similar Description - 2SC4373SQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com