Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA01T Datasheet(PDF) 21 Page - Microchip Technology

Part # 24AA01T
Description  1K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA01T Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24AA01T Datasheet HTML 16Page - Microchip Technology 24AA01T Datasheet HTML 17Page - Microchip Technology 24AA01T Datasheet HTML 18Page - Microchip Technology 24AA01T Datasheet HTML 19Page - Microchip Technology 24AA01T Datasheet HTML 20Page - Microchip Technology 24AA01T Datasheet HTML 21Page - Microchip Technology 24AA01T Datasheet HTML 22Page - Microchip Technology 24AA01T Datasheet HTML 23Page - Microchip Technology 24AA01T Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2003 Microchip Technology Inc.
DS21711C-page 21
24AA01/24LC01B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA01:
=
1.8V, 1 Kbit I2C™ Serial EEPROM
24AA01T:
=
1.8V, 1 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC01B:
=
2.5V, 1 Kbit I2C Serial EEPROM
24LC01BT: =
2.5V, 1 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
Lead finish
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (150 mil body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
OT
= SOT-23, 5-lead (Tape and Reel only)
Blank = Standard 63/37 SnPb
G
= Matte Tin (pure Sn)
Examples:
a)
24AA01-I/P: Industrial Temperature,1.8V
PDIP package
b)
24AA01-I/SN: Industrial Temperature,
1.8V, SOIC package
c)
24AA01T-I/OT: Industrial Temperature,
1.8V, SOT-23 package, tape and reel
d)
24LC01B-I/P: Industrial Temperature,
2.5V, PDIP package
e)
24LC01B-E/SN: Extended Temperature,
2.5V, SOIC package
f)
24LC01BT-I/OT: Industrial Temperature,
1.8V, SOT-23 package, tape and reel
g)
24LC01B-I/PG:
Industrial
Temperature,
2.5V PDIP package, Pb-free
h)
24LC01BT-I/OTG: Industrial Temperature,
2.5V, SOT-23 package, tape and reel,
Pb-free
Lead Finish
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com