Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC868 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BC868
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BC868 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BC868 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BC868 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BC868 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC868
NPN Transistor
2 / 3
www.pingjingsemi.com
Revison:1.0 Feb-2019
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
85
100
-
-
160
250
Collector Base Cutoff Current
at VCB = 25 V
ICBO
-
-
0.1
μA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
0.1
μA
Collector Base Breakdown Voltage
at IC = 100 μA
V(BR)CBO
32
-
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
20
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 μA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 1 A, IB = 100 mA
VCE(sat)
-
-
0.5
V
Transition Frequency
at VCE = 5 V, IC = 10 mA, f = 100MHz
fT
40
-
-
MHz
Base Emitter Voltage
at VCE = 10 V, IC = 5 mA
at VCE = 1 V, IC = 1 A
VBE
-
0.62
-
V
DC Current Gain
at VCE = 1 V, IC = 500 mA
HFE
Current Gain Group -10
-16
-25
160
-
375
at VCE = 1 V, IC = 1 A
at VCE = 10 V, IC = 5 mA
60
-
-
50
-
-
-
-
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com