Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW66 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BCW66
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BCW66 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BCW66 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BCW66 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCW66
NPN Silicon Epitaxial Planar Transistor
1 / 2
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Features
For switching and amplifier applications
SOT-23
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
75
V
Collector Emitter Voltage
VCEO
45
V
Emitter Base Voltage
VEBO
5
V
Power Dissipation
Ptot
300
mW
Collector Current
IC
600
mA
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TSTG
- 55 to + 150
O
C
Electrical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 0.1 mA
at VCE = 1 V, IC = 10 mA
at VCE = 1 V, IC = 100 mA
at VCE = 2 V, IC = 500 mA
hFE
hFE
hFE
hFE
50
110
160
60
-
-
400
-
-
-
-
-
Collector Emitter Cutoff Current
at VCE = 45 V
ICES
-
20
nA
Emitter Base Cutoff Current
at VEB = 4 V
IEBO
-
20
nA
Collector Emitter Breakdown Voltage
at IC = 10 µA
V(BR)CES
75
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
45
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at IC = 100 mA, IB = 10 mA
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
0.3
0.7
V
Base Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VBE(sat)
-
2
V
Transition Frequency
at VCE = 10 V, IC = 20 mA, f = 100 MHz
fT
100
-
MHz
Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
12
pF
Turn-on Time
at IB1 = IB2 = 15 mA
ton
-
100
ns
Turn-off Time at IC = 150 mA,RL = 150 Ω
toff
-
400
ns
1.B
2.E
3.C
1
2
3


Similar Part No. - BCW66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66 STMICROELECTRONICS-BCW66 Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCW66 INFINEON-BCW66 Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW66 DIOTEC-BCW66 Datasheet
181Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCW66 KEXIN-BCW66 Datasheet
42Kb / 2P
NPN General Purpose Transistors
More results

Similar Description - BCW66

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com