Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX593 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FCX593
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FCX593 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FCX593 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX593 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX593 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX593 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
Typical Characteristic Curves
www.pingjingsemi.com
Revison:1.0 Apr - 2019
FCX593
PNP Transistor
10A
1A
10mA
100mA
1mA
-55 °C
+25 °C
+100 °C
IA/IB=10
IC-Collector Current
IC-Collector Current
0
0.2
0.4
0.6
0.8
1.0
10A
1A
IC-Collector Current
1mA
100mA
10mA
10A
1A
100
0
300
200
400
10mA
1mA
10mA
100mA
IC-Collector Current
100mA
1A
10A
0.6
0.8
1.0
0.4
0.2
0
IC-Collector Current
1mA
0
0.1
100mA
10mA
+25 ° C
0.2
0.3
0.4
IC/IB=10
10A
1A
0.4
+100 °C
-55 °C
+25 °C
+100 °C
-55 °C
+25 °C
-55 °C
+25 °C
+100 °C
IC/IB=10
VCE=5V
VCE=5V
10
1
0.1
VCE - Collector Emitter Voltage (V)
0.1V
10V
100V
1s
DC
100ms
10ms
100
µs
1ms
1V
0
0.1
0.3
0.2
1mA
0.01
IC/IB=50
0.001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com