Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT491 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT491
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT491 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT491 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT491 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT491 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT491 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
FMMT491
NPN Transistor
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain Note1
at VCE = 5 V, IC = 1 mA
at VCE = 5 V, IC = 500 mA
at VCE = 5 V, IC = 1 A
at VCE = 5 V, IC = 2 A
HFE
100
100
-
-
300
Collector Base Cutoff Current
at VCB = 60 V
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VEB = 5.6 V
IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 μA
V(BR)CBO
80
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
60
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 μA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage note1
at IC = 500 mA, IB = 50 mA
at IC =1 A, IB = 100 mA
VCE(sat)
-
250
mV
Base Emitter Saturation Voltage note1
at IC = 1 A, IB = 100 mA
VBE(sat)
-
-
1.1
V
Base Emitter Voltage note1
at VCE = 5 V, IC = 1 A
VBE(on)
-
-
1
V
Transition Frequency
at VCE = 10 V, IC = 50 mA, f= 100MHz
FT
150
-
-
MHz
-
80
-
500
Collector Output Capacitance
at VCB = 10 V, f= 1MHz
Cob
10
pF
-
-
-
www.pingjingsemi.com
Revision:1.0 Feb-2019
30
-
-
-
-
Note1: Measured under pulsed conditions, Pulse width≤300uS, Duty cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com