Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591-MY Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT591-MY
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT591-MY Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT591-MY Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT591-MY Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT591-MY Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT591-MY Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
FMMT591-MY
PNP Transistor
www.pingjingsemi.com
Revision:1.0 Feb-2019
-2
-4
-6
-8
-10
-12
-400
-350
-300
-250
-200
-150
-100
-50
-0
-100
-1000
-0
-0.1
-200
-400
-600
-800
-1000
-10
-1
-100
-1000
-1
-0. 1
-10
-100
-1000
-1
-10
-100
-1000
-100
-0.1
-1
-10
-100
-1000
-10
-100
-1000
0
25
125
150
0
50
100
150
200
250
300
0
2
4
16
8
1
20
10
100
1000
-10
10
100
-2m
A
-1.8m
A
-1.6m
A
-1.4m A
-1.2mA
-1.0m
A
-800uA
-600uA
-400u
A
I
B
=-200u
A
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-1
-10
COLLCETOR CURRENT
I
C
(mA)
VCE=-5V
Ta=100
℃
Ta=25
℃
β=1
0
Ta=25
℃
Ta=100
℃
COLLECTOR CURRENT
I
C
(mA)
Ta=100℃
Ta=25
℃
COLLECTOR CURRENT
I
C
(mA)
-2000
-1000
β=10
V
CE
=-5V
Ta=25
o
C
Ta=100
o
C
COLLECTOR CURRENT
I
C
(mA)
50
75
100
AMBIENT TEMPERATURE
Ta (℃)
C
i
b
C
o
b
REVERSE VOLTAGE
VR
(V)
COLLECTOR CURRENT
I
C
(mA)
VCE=-10V
Ta = 25℃
500
-60
-3
1
4
1
2
1
0
8
6
f=1MHz
I
E=0/ IC=0
Ta=25
oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com