Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2712L Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSC2712L
Description  SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2712L Datasheet(HTML) 2 Page - Continental Device India Limited

  CSC2712L Datasheet HTML 1Page - Continental Device India Limited CSC2712L Datasheet HTML 2Page - Continental Device India Limited CSC2712L Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max.
60 V
Collector-emitter voltage (open base)
VCEO
max.
50 V
Emitter-base voltage (open collector)
VEBO
max.
5 V
Collector current (d.c.)
IC
max.
150 mA
Base current
IB
max.
30 mA
Total power dissipation at Tamb = 25°C
Ptot
max.
150 mW
Junction temperature
Tj
max.
150 ° C
Storage temperature
Tstg
–50 to +150 ° C
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector cut-off current
IE = 0; VCB = 60 V
ICBO
max.
100 nA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
100 nA
Saturation voltage
IC = 100 mA; IB = 10 mA
VCEsat
max.
250 mV
D.C. current gain
IC = 2 mA; VCE = 6 V
hFE
min.
70
max.
700
Y
min.
120
max.
240
GR(G)
min.
200
max.
400
BL(L)
min.
350
max.
700
Transition frequency
IC = 1 mA; VCE = 10 V
fT
min.
80 MHz
Noise figure at Rg = 10 kW
VCE = 6 V; IC = 0.1 mA
f = 1 kHz
NF
max.
10 dB
CSC2712



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com