Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2891 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2891
Description  2ch LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2891 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2891 Datasheet HTML 2Page - New Japan Radio NJM2891 Datasheet HTML 3Page - New Japan Radio NJM2891 Datasheet HTML 4Page - New Japan Radio NJM2891 Datasheet HTML 5Page - New Japan Radio NJM2891 Datasheet HTML 6Page - New Japan Radio NJM2891 Datasheet HTML 7Page - New Japan Radio NJM2891 Datasheet HTML 8Page - New Japan Radio NJM2891 Datasheet HTML 9Page - New Japan Radio NJM2891 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2891
ELECTRICAL CHARACTERISTICS
-50
-40
-30
-20
-10
0
0
50
100
150
200
Output Current : Io(mA)
Output Current : Io(mA)
Output Current : Io(mA)
Output Current : Io(mA)
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Load Regulation vs. Output Current
Load Regulation vs. Output Current
Load Regulation vs. Output Current
Load Regulation vs. Output Current
@:Ta=25oC
VIN=4V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
0
500
1000
1500
2000
0
5
10
15
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Quiescent Current v.s. Input Voltage1
Quiescent Current v.s. Input Voltage1
Quiescent Current v.s. Input Voltage1
Quiescent Current v.s. Input Voltage1
@:Ta=25oC
Output is open.
Co=1.0
µF(Ceramic)
Cp=0.01
µF
including Icont
Input Voltage : V
Input Voltage : V
Input Voltage : V
Input Voltage : VIN
IN
IN
IN
(V)
(V)
(V)
(V)
0
50
100
150
200
250
300
Noise Bypass Capacitor : Cp(F)
Noise Bypass Capacitor : Cp(F)
Noise Bypass Capacitor : Cp(F)
Noise Bypass Capacitor : Cp(F)
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Output Noise Voltage vs. Noise Bypass Capacitor
Output Noise Voltage vs. Noise Bypass Capacitor
Output Noise Voltage vs. Noise Bypass Capacitor
Output Noise Voltage vs. Noise Bypass Capacitor
@:Ta=25oC
VIN=4.0V
Co=1.0
µF(Ceramic)
1p
10p
100p
1000p
0.1m
0.01m
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
Output Current : Io(mA)
Output Current : Io(mA)
Output Current : Io(mA)
Output Current : Io(mA)
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Output Noise Voltage vs. Output Current
Output Noise Voltage vs. Output Current
Output Noise Voltage vs. Output Current
Output Noise Voltage vs. Output Current
Co=2.2
µF(Ceramic)
@:Ta=25oC
VIN=4.0V
Cp=0.01
µF
LPF:100kHz
Co=1.0
µF(Ceramic)
30
40
50
60
70
80
90
Frequency : f (Hz)
Frequency : f (Hz)
Frequency : f (Hz)
Frequency : f (Hz)
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Ripple Rejection Ratio vs. Frequency
Ripple Rejection Ratio vs. Frequency
Ripple Rejection Ratio vs. Frequency
Ripple Rejection Ratio vs. Frequency
Io=0mA
Io=10mA
Io=30mA
@:Ta=25oC
Co=1.0
µF(Ceramic)
Cp=0.01
µF
VIN=4V
ein=200mVrms
10
100
1k
10k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com