Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9018 Datasheet HTML 1Page - ESS Technology,Inc ES9018 Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
ES9018
Reference 32-bit Audio DAC
Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1511
FEATURE
BENEFIT
Patented 32-bit Hyperstream
 DAC
o
Up to 135dB DNR
o
–120dB THD+N
Industry’s highest performance 32-bit audio DAC with
unprecedented dynamic range and ultra-low distortion
Patented Time Domain Jitter Eliminator
Unmatched audio clarity free from input clock jitter
64-bit accumulator and 32-bit processing
Distortion free signal processing
Universal digital input for up to 1.536MHz
1
sampling rate
Supports SPDIF, PCM (I
2S, MSB/LSB justified 16-32-bit) or DSD
input with DVD Audio and SACD compatibility.
Integrated DSP functions
Click-free soft mute and volume control
Programmable filter characteristics for PCM / DSD
Programmable Zero detect
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
Customizable output configuration
Mono, stereo, 8-channel output in current- or voltage-mode based
on performance criterion
Customizable filter characteristics
User-programmable filter allowing custom roll-off response
100mW power consumption
Simplifies power supply design
APPLICATIONS
 Blu-ray / SACD / DVD-Audio player
 Audio preamplifier and receiver
 A/V processor
 Professional audio recording systems and mixing consoles
 Digital audio workstation
Note 1. This is for oversample bypass mode only. The maximum sample rate using the internal oversampling filters is 200kHz.
OVERVIEW
The SABRE
32 Reference audio DAC series is the world’s highest performance 32-bit audio DAC solution targeted for
consumer applications such as Blu-ray players, audio pre-amplifiers, A/V receivers and professional applications such
as recording systems, mixer consoles and digital audio workstations.
Part
Number
Description
Package
DNR (dB)
THD (dB)
32-bit
DAC
I
2S / DSD
Input
SPDIF
Input
Jitter
Reduction
ES9018
SABRE
32 Reference
8-Channel Audio DAC
64-LQFP
135 (mono)
129 (8-Ch)
–120
Yes
Yes
Yes
Yes
With ESS patented 32-bit Hyperstream
 DAC architecture and Time Domain Jitter Eliminator, the SABRE32 Reference
Stereo DAC delivers an unprecedented DNR of up to 135dB and THD+N of –120dB, the industry’s highest performance
level that will satisfy the most demanding audio enthusiasts.
The SABRE
32 Reference audio DAC’s 32-bit Hyperstream
 architecture can handle full 32-bit PCM data via I2S input,
as well as DSD or SPDIF data.
The SABRE
32 Reference supports up to 1.536MHz1 input sampling rates and
consumes less than 100mW.
The SABRE
32 Reference DACs set the standard for HD audio performance, SABRE SOUNDTM, in a cost-effective,
easy-to-use form factor for today’s most demanding digital-audio applications.


Similar Part No. - ES9018

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018 Datasheet
1Mb / 54P
Reference 32-bit Audio DAC
August 9, 2021
ES9018 ESS-ES9018 Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
1Mb / 41P
32-bit Stereo Low Power Audio DAC
March 26, 2021
More results

Similar Description - ES9018

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
Ultra 32-bit 8-Channel Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
ES9028PRO ESS-ES9028PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9026PRO ESS-ES9026PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
32-Bit Stereo Low Power Audio DAC
July 17, 2019
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
Reference 32-bit Audio DAC
August 9, 2021
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
32-Bit Stereo Low Power Audio DAC
January 16, 2020
ES9012 ESS-ES9012 Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com