Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMV71Q21 Datasheet(PDF) 1 Page - Microchip Technology

Part # SAMV71Q21
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71Q21 Datasheet(HTML) 1 Page - Microchip Technology

  SAMV71Q21 Datasheet HTML 1Page - Microchip Technology SAMV71Q21 Datasheet HTML 2Page - Microchip Technology SAMV71Q21 Datasheet HTML 3Page - Microchip Technology SAMV71Q21 Datasheet HTML 4Page - Microchip Technology SAMV71Q21 Datasheet HTML 5Page - Microchip Technology SAMV71Q21 Datasheet HTML 6Page - Microchip Technology SAMV71Q21 Datasheet HTML 7Page - Microchip Technology SAMV71Q21 Datasheet HTML 8Page - Microchip Technology SAMV71Q21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
SAM E70/S70/V70/V71 Family
SAM E70/S70/V70/V71 Family Silicon Errata and Data
Sheet Clarification
SAM E70/S70/V70/V71 Family
The SAM E70/S70/V70/V71 family of devices that you have received conform functionally to the current
Device Data Sheet (DS60001527C), except for the anomalies described in this document.
The silicon issues discussed in the following pages are for silicon revisions with the Device and Revision
IDs listed in the following tables. The silicon issues are summarized in 1. Silicon Issue Summary.
The errata described in this document will be addressed in future revisions of the SAM E70/S70/V70/V71
family silicon.
Note:  This document summarizes all silicon errata issues from all revisions of silicon, previous as well
as current.
Data Sheet clarifications and corrections (if applicable) are located in 23. Data Sheet Clarifications,
following the discussion of silicon issues.
The Device and Revision ID values for the various SAM E70/S70/V70/V71 family silicon revisions are
shown in the following tables.
Table 1. SAM V71 Silicon Device Identification
Part Number
Device Identification
Revision
(CHIPID_CIDR.VERSION[4:0])
CHPID_CIDR[31:0]
CHIPID_EXID[31:0]
A
B
SAMV71Q19
0xA12D_0A0x
0x00000002
0x0
0x1
SAMV71Q20
0xA122_0C0x
0x00000002
SAMV71Q21
0xA122_0E0x
0x00000002
SAMV71N19
0xA12D_0A0x
0x00000001
SAMV71N20
0xA122_0C0x
0x00000001
SAMV71N21
0xA122_0E0x
0x00000001
SAMV71J19
0xA12D_0A0x
0x00000000
SAMV71J20
0xA122_0C0x
0x00000000
SAMV71J21
0xA122_0E0x
0x00000000
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 1


Similar Part No. - SAMV71Q21

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAMV71Q21 ATMEL-SAMV71Q21 Datasheet
8Mb / 1872P
Atmel | SMART ARM-based Flash MCU
logo
Microchip Technology
SAMV71Q21RT MICROCHIP-SAMV71Q21RT Datasheet
20Mb / 1879P
Radiation-Tolerant 32-bit Arm짰 Cortex짰-M7 MCU
2021
SAMV71Q21RT-DHB-E MICROCHIP-SAMV71Q21RT-DHB-E Datasheet
20Mb / 1879P
Radiation-Tolerant 32-bit Arm짰 Cortex짰-M7 MCU
2021
SAMV71Q21RT-DHB-HC MICROCHIP-SAMV71Q21RT-DHB-HC Datasheet
20Mb / 1879P
Radiation-Tolerant 32-bit Arm짰 Cortex짰-M7 MCU
2021
SAMV71Q21RT-DHB-MQ MICROCHIP-SAMV71Q21RT-DHB-MQ Datasheet
20Mb / 1879P
Radiation-Tolerant 32-bit Arm짰 Cortex짰-M7 MCU
2021
More results

Similar Description - SAMV71Q21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com