Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMV71N20 Datasheet(PDF) 11 Page - Microchip Technology

Part # SAMV71N20
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71N20 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SAMV71N20 Datasheet HTML 7Page - Microchip Technology SAMV71N20 Datasheet HTML 8Page - Microchip Technology SAMV71N20 Datasheet HTML 9Page - Microchip Technology SAMV71N20 Datasheet HTML 10Page - Microchip Technology SAMV71N20 Datasheet HTML 11Page - Microchip Technology SAMV71N20 Datasheet HTML 12Page - Microchip Technology SAMV71N20 Datasheet HTML 13Page - Microchip Technology SAMV71N20 Datasheet HTML 14Page - Microchip Technology SAMV71N20 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
2.
Analog Front-End Controller (AFEC)
2.1
Write Protection
The AFEC_CSELR register is not write-protected.
Workaround
None.
Affected Silicon Revisions
A
B
X
X
2.2
Performance
The AFEC is sensitive to noise. Too much noise may lead to reduced AFEC performance, especially INL,
DNL and SNR. The following situations generate noise:
•
Using a 64-pin QFP package option (it does not have the VREFN pin)
•
Device activity (that is, clock tree)
•
External components (that is, missing on-board supply decoupling capacitors)
Workaround
Adapt the environment to the expected level of performances.
Affected Silicon Revisions
A
B
X
X
2.3
AOFF bit
Changing the AOFF bit in the AFEC_COCR register during conversions is not safe.
The recommended value of the AOFF bit is 512 (the default value is zero). Different values are possible
for each channel. The AOFF bit is read and updated during the AFE start-up sequence and at the end of
each conversion. If during AFE idle time (no conversion is on-going) the user updates the AOFF bit for
the next channel to be converted, the next conversion will be incorrect.
Workaround
The value of the AOFF bit can be updated only if the AFEC module is restarted, or if two conversions are
run; the second one will have the correct AOFF bit setting.
SAM E70/S70/V70/V71 Family
Analog Front-End Controller (AFEC)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com