Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA92SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MPSA92SQ
Description  PNP Silicon Expitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MPSA92SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MPSA92SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MPSA92SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MPSA92SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPSA92SQ
PNP Silicon Expitaxial Planar Transistor
www.pingjingsemi.com
2 / 3
Revision:1.0 Mar-2018
Typical Characteristics Curves
-0
-200
-400
-600
-800
-1000
-50
-100
-150
-200
-0.1
-1
-10
1
10
100
1000
-10
-100
10
100
1000
-200
-1
-10
-100
-400
-600
-800
-1000
-1
-10
-100
-0
-100
-200
-300
-400
-0
-2
-4
-6
-8
-10
-12
-14
-0
-5
-10
-15
-20
V
CE
=-10V
T
a
=25℃
T
a
=100
oC
BASE-EMITTER VOLTAGE
V
BE
(mV)
I
C
——
V
BE
-20
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
REVERSE VOLTAGE
V
(V)
V
/ V
——
ob
ib
CB
EB
C
/
C
ib
C
ob
V
CE
= -10V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
-200
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=10
V
BEsat
—— I
C
T
a
=25℃
T
a
=100℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a
=25℃
-100uA
-90uA
-80uA
-70uA
-60uA
-50uA
-40uA
-30uA
-20uA
I
B
=-10uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com