Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA94SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MPSA94SQ
Description  PNP Silicon Expitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MPSA94SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MPSA94SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MPSA94SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MPSA94SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MPSA94SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSA94SQ
PNP Silicon Expitaxial Planar Transistor
2 / 4
www.pingjingsemi.com
Revision:1.0 May-2018
Electrical Characteristics(Ta=25℃)
Parameter
Symbol
Min.
Max.
Units
DC Current Gain
at -IC = 1 mA, -VCE = 10 V
at -IC = 10 mA, -VCE = 10 V
at -IC = 50 mA, -VCE = 10 V
at -IC = 100 mA, -VCE = 10 V
hFE
hFE
hFE
hFE
70
80
70
60
-
300
-
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 300 V
-I
CBO
-
0.1
µA
Emitter Base Cutoff Current
at -VEB = 4 V
-I
EBO
-
0.1
µA
Collector Emitter Cutoff Current
at -VCE = 400 V
-I
CES
1
µA
Collector Base Breakdown Voltage
at -IC = 100 µA
-V
(BR)CBO
400
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V
(BR)CEO
400
-
V
Emitter Base Breakdown Voltage
at -IE = 100 µA
-V
(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 1 mA
at -IC = 50 mA, -IB = 5 mA
-V
CE(sat)
-
-
0.2
0.5
V
Base Emitter Saturation Voltage
at -IC = 10 mA, -IB = 1 mA
-V
BE(sat)
-
0.75
V
Collector Output Capacitance
at -VCB = 20 V, f = 1 MHz
C
ob
-
7
pF
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com