Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ75AL28SA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ75AL28SA
Description  Low Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ75AL28SA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ75AL28SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum RatingsNote1
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Limit
Unit
Supply voltage
-0.3 ~ +36
V
Storage temperature range
-50 ~ +125
℃
Operating temperature range
-40 ~ 85
℃
Note: 1.Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those conditions is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
Electrical Characteristics
PJ75AL28SA(TA=25℃)
Parameter
Symbol
Value
Unit
Junction-to-Ambient Thermal Resistance
RθJA
200
℃
/W
Power Consumption
PD
500
mW
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V, IOUT=10mA
2.744
2.80
2.856
V
Output current
IOUT
VIN=VOUT+2.0V
70
100
--
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤50mA
--
25
60
mV
VDIF
IOUT=1mA,ΔVOUT=2%
--
30
100
mV
Quiescent Current
IQ
No Load
--
2.5
3.0
μA
Line regulation
ΔVOUT / VOUT×
ΔVIN
VOUT+2.0V≤VIN≤30V,IOUT=1mA
--
--
0.2
%/V
Input voltage
VIN
--
--
--
36
V
Temperature
coefficient
ΔVOUT /VOUT×
ΔTA
VIN=VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
--
100
--
ppm/℃
Voltage drop Note2
2 / 8
PJ75ALXXSA Series
Low Dropout Regulators
www.pingjingsemi.com
Revision:1.0 Sep-2019



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com