Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ4057 Datasheet(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ4057
Description  Linear Lithium-ion Battery Charger
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ4057 Datasheet(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ4057 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ4057 Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electrical Characteristics
(TA =25℃ unless otherwise specified.)
4 / 5
www.pingjingsemi.com
Revision
:1.0 May-2019
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage
4.2
5
6.5
V
Input Current
charging mode,Rprog=10K
300
500
uA
standby mode(Charge termination)
50
150
stop mode(RPROG ununited)
25
50
VCC<Bbat or VCC<Vuv
Stable Output Voltage
0℃≤TA≤85℃,Ibat=40mA
4.158
4.2
4.242
V
BAT Pin Current
RPROG=10K,current mode
90
100
110
mA
RPROG=2K,current mode
450
500
550
standby mode,Vbat=4.2V
0
-2.5
-6
uA
stop mode(RPROG ununited)
1
1.5
sleep mode,VCC=0
1
Trickle Charging Current
VBAT<VTRIKL,Rprog=2K
40
50
60
mA
Trickle Charging Threshold Voltage
RPROG=10K,Vbat up
2.8
2.9
3
V
Trickle Charging Hysteresis Voltage
RPROG=10K,Vbat Down
60
80
100
mV
VCC Undervoltage Locking Threshold
VCC from low to high
3.7
3.8
4
V
VCC Undervoltage Atresia Hysteresis
150
200
300
mV
Manual Shutdown Threshold Voltage
PROG pin level up
1.15
1.21
1.3
V
PROG pin level down
0.9
1
1.1
Blocking Threshold Voltage
VCC from low to high
70
100
140
mV
VCC from high to low
5
30
50
C/10 Termination Current Threshold
RPROG=10K
0.085
0.1
0.115
mA
RPROG=2K
0.085
0.1
0.115
PROG Pin Voltage
RPROG=10K,current mode
0.93
1
1.07
V
Pin Output Low Voltage
ICHRG=5mA
0.35
0.6
V
Recharging Battery Threshold Voltage
VFLOAT~VRECHRG
100
200
mV
Recharging Comparator Filter Time
VBAT from high to low
0.8
1.8
4
ms
Stop Comparator Filter Time
IBAT below Ichg/10
0.63
1.4
3
ms
PROG Pin Pull Current
2
uA
Symbol
VCC
ICC
VFLOAL
IBAT
ITRIKL
VTRIKL
VTRHYS
VUV
VUVHYS
VMSD
VASD
ITERM
VPROG
VCHRG
ΔVRECHRG
tRECHARGE
tTERM
IPROG
VCC from high to Low
PJ4057
Linear Lithium-ion Battery Charger



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com