Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # TL432
Description  Programmable Precision Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

TL432 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  TL432 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ.
Max. Unit
VREF
Reference Input Voltage Fig 1
VKA=VREF, IKA=10mA
TL43
2C(0.5%) 1.234 1.24 1.246
V
TL43
2(1%)
1.228 1.24 1.252
V
∆VREF
Deviation of
Reference Input
Voltage Over
Temperature Fig 1
VKA=VREF,IKA=10mA
2
1
0
mV
∆VREF
∆VKA
Ratio of Change in Reference Input Voltage to
the Change in Cathode Voltage Fig 2
IKA=10mA
∆
VKA=VREF~16V
-1.5 mV/V
IREF
Reference Input Current Fig 2
IKA=10mA, R1=10kΩ, R2=∞
0.15
0.4
µA
∆IREF
Deviation of Reference Input Current Over Full
Temperature Range Fig 2
IKA=10mA, R1=10kΩ,
R2=∞,
-20°C ≤TA≤+85°C
0.4
µA
IKA(MIN)
Minimum Cathode Current for Regulation Fig 1
VKA=VREF
80
µA
IKA(OFF)
Off-State Cathode Current Fig 3
VKA=
18V, VREF=0
0.0
4
0.5
ZKA
Dynamic Impedance
VKA=VREF, IKA=1~ 100mA,f≤1.0kHz
0.
2
0.
4
Ω
TL432
Programmable Precision Reference
µA
IK
Vref
VKA
Input
Figure 1. Test Circuit for VKA = Vref
IK
R2
Iref
Vref
Figure 2. Test Circuit for VKA > Vref
Input
VKA
R1
V
KA +
V
ref
1
) R1
R2
) I
ref S
R1
Ioff
Input
VKA
Figure 3. Test Circuit for Ioff
www.pingjingsemi.com
Revision:
2.0 Jan-2020
0°C ≤TA≤70°C
3
1
5
mV
-20°C ≤TA≤125°C
8
25
mV
-40°C ≤TA≤125°C
-0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com