Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1502R Datasheet(PDF) 1 Page - Belden Inc.

Part # 1502R
Description  Multimedia Control Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1502R Datasheet(HTML) 1 Page - Belden Inc.

  1502R Datasheet HTML 1Page - Belden Inc. 1502R Datasheet HTML 2Page - Belden Inc. 1502R Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
22 AWG stranded (7x30) TC conductors, FPE insulation (data), STP (Data) w/Beldfoil®, TC drain wire, 18
AWG (16x30) TC conductors, unshielded (power) pair, F-R PVC insulation (power), F-R PVC Jacket
(Available in Black, White, or Aqua)
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors # Pairs AWG Stranding Conductor Material
2
1
22
7x30
TC - Tinned Copper
1
18
16x30
TC - Tinned Copper
Total Number of Conductors:
4
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Wall Thickness (mm) AWG
Datalene®
HDFPE - High Density Foam Polyethylene
0.635
22
F-R PVC - Flame Retardant Polyvinyl Chloride 0.3302
18
Inner Shield
Inner Shield Material:
Layer #
Inner Shield Trade Name Type Inner Shield Material
Coverage (%) Stranding Dia. (mm) Conductor Material
22 AWG Pair Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
Stranding Conductor Material
24 AWG 7x32
TC - Tinned Copper
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
F-R PVC - Flame Retardant Polyvinyl Chloride
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Nominal Diameter:
6.350 mm
Pair
Pair Color Code Chart:
Number Color
1
Blue & White
2
Red & Black
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +75°C
Page 1 of 3
11-08-2019
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1502R Multi-Conductor - Multimedia Control Cable


Similar Part No. - 1502R

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1502 3M-1502 Datasheet
176Kb / 2P
Venture Tape™ Metallized Cloth Duct
Apr-2015
logo
Marathon Special Produc...
1502 MARATHON-1502 Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
List of Unclassifed Man...
1502-1 ETC2-1502-1 Datasheet
439Kb / 1P
TURRET TERMINALS
1502-2 ETC2-1502-2 Datasheet
439Kb / 1P
TURRET TERMINALS
1502-3 ETC2-1502-3 Datasheet
439Kb / 1P
TURRET TERMINALS
More results

Similar Description - 1502R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
Multimedia Platform?
2004
logo
PhaseLink Corporation
PL603-27 PLL-PL603-27 Datasheet
236Kb / 7P
Multimedia Clocks
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
Multimedia Applications
logo
Texas Instruments
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
Multimedia Device
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
Multimedia Device
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
Multimedia Device
logo
OmniVision Technologies...
OV9762 OMNIVISION-OV9762 Datasheet
1Mb / 2P
PC Multimedia
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
Multimedia Processor
GP326823A GENERALPLUS-GP326823A Datasheet
1Mb / 21P
Multimedia Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com