Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP3.75D2 Datasheet(PDF) 1 Page - Recom International Power

Part # RP3.75D2
Description  High Voltage Input Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP3.75D2 Datasheet(HTML) 1 Page - Recom International Power

  RP3.75D2 Datasheet HTML 1Page - Recom International Power RP3.75D2 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
155
25-August-2005
INNOLINE
DC/DC-Converter
High
Voltage
Input
Series
● For Telecom DSM, XDSL, Application
● Internal Pi Filter
● Multi-Outputs
● Overcurrent Protection
● High Efficiency to 80%
Features
Selection Guide
Note:
Part Number
Input
Output
Output
Efficiency
Dimension
Range
Voltage
Current
(VDC)
(VDC)
(mA)
(%)
RP3.75D2/x1
28-60
5
750
78
D2
RP7.5D2/x1
40-140
5
1500
78
D2
RP7E1/x1
36-180
+5
1000
±15
±65
77
E1
RP8.7E1/x1
36-170
+5.1
1000
±12
+100
77
E1
-200
RP14.7E1/x1
20-60
+5
1500
±12
+200
76
E1
-48
-50
RP6.4E1/x1
95-190
±5
+340
-35
77
E1
-35
-100
70
1W
RP10E1/x1
90-270
±5
+560
-60
-28
-155
76
E1
-32
-50
70
1W
Case dimensions see High outputs series.
Input Voltage Range
See „Selection Guide“ Table
Input Filter
Pi Type
Voltage Accuracy
±2.0%, (main)
Line Regulation, Full Line
±0.2%, (main)
Load Regulation, FL-1/4FL
±0.25%, (main)
Temperature Coefficient
±0.02%/°C
Short Circuit Protection
Continuous
Isolation Voltage
1600VDC, min.
Isolation Resistance
10
9 Ω
Operating Temperature Range
-25°C to +71°C
Storage Temperature Range
-40°C to +85°C
Cooling
Free-air Convection
Dimensions
See below „Package Style and Pinning“
Specifications (typical at nominal input and 25°C unless otherwise noted)
"For Package Style please see High Output Series. For detailed datasheets
and pinning please check with our technical customer service."


Similar Part No. - RP3.75D2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP3.75D2 RECOM-RP3.75D2 Datasheet
44Kb / 1P
High Voltage Input/Output Series
RP3.75D2X1 RECOM-RP3.75D2X1 Datasheet
44Kb / 1P
High Voltage Input/Output Series
RP3.75D2 RECOM-RP3.75D2_06 Datasheet
44Kb / 1P
High Voltage Input/Output Series
More results

Similar Description - RP3.75D2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
High Input Voltage Charger
October 4, 2005
logo
Recom International Pow...
RP3.75D2 RECOM-RP3.75D2_06 Datasheet
44Kb / 1P
High Voltage Input/Output Series
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294 RENESAS-ISL6294 Datasheet
471Kb / 9P
High Input Voltage Charger
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
High Input Voltage Charger
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
High Input Voltage Charger
ISL9222 RENESAS-ISL9222 Datasheet
421Kb / 8P
High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
High Input Voltage Charger
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056_17 Datasheet
1Mb / 20P
High Input Voltage Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com