Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HS3003
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HS3003 Datasheet HTML 2Page - Renesas Technology Corp HS3003 Datasheet HTML 3Page - Renesas Technology Corp HS3003 Datasheet HTML 4Page - Renesas Technology Corp HS3003 Datasheet HTML 5Page - Renesas Technology Corp HS3003 Datasheet HTML 6Page - Renesas Technology Corp HS3003 Datasheet HTML 7Page - Renesas Technology Corp HS3003 Datasheet HTML 8Page - Renesas Technology Corp HS3003 Datasheet HTML 9Page - Renesas Technology Corp HS3003 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
HS300x Datasheet
© 2020 Renesas Electronics Corporation
6
April 22, 2020
5. Humidity and Temperature Sensor Performance
5.1 Humidity Sensor Specification
Table 4.
Humidity Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V
Parameter
Condition
Minimum
Typical
Maximum
Units
Range
0
100
%RH
Accuracy[a]
HS3001
10% to 90%RH
±1.5
±1.8
%RH
HS3002
±1.8
±2.0
HS3003
20% to 80%RH
±2.5
±3.5
HS3004
±3.5
±4.5
Resolution
8-bit
0.7
1.0
%RH
14-bit
0.01
0.015
Hysteresis
±1.0
%RH
Noise in Humidity (RMS)
14-bit
0.014
%RH
Non-Linearity from Response Curve
HS3001
10% to 90%RH
±0.15
±0.25
%RH
HS3002
HS3003
20% to 80%RH
HS3004
Long-Term Stability
±0.1
±0.25
%RH/Yr
Response Time Constant[b] (τH)
20% to 80% RH Still Air
3.0
4.0
6.0
sec
[a] Monotonic increases from 10 to 90%RH after sensor has been stabilized at 50%RH.
[b] Initial value to 63% of total variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com