Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ARD Datasheet(PDF) 20 Page - Analog Devices

Part # AD8099ARD
Description  Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ARD Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8099ARD Datasheet HTML 16Page - Analog Devices AD8099ARD Datasheet HTML 17Page - Analog Devices AD8099ARD Datasheet HTML 18Page - Analog Devices AD8099ARD Datasheet HTML 19Page - Analog Devices AD8099ARD Datasheet HTML 20Page - Analog Devices AD8099ARD Datasheet HTML 21Page - Analog Devices AD8099ARD Datasheet HTML 22Page - Analog Devices AD8099ARD Datasheet HTML 23Page - Analog Devices AD8099ARD Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8099
Rev. B | Page 20 of 28
FREQUENCY (MHz)
–1
3000
1
10
8
9
7
6
5
4
3
2
1
0
VS = ±5V
G = +2
RLOAD = 1kΩ
SOIC PACKAGE
10
100
1000
RF = RG = 200
RF = RG = 250
RF = RG = 300
FREQUENCY (MHz)
10
9
8
7
6
5
4
3
2
1
100
1000
3000
1
–1
0
10
CF = 1pF
CF = 0.5pF
CF = 1.5pF
V = ±5V
S
G = +2
RLOAD = 1kΩ
SOIC PACKAGE
FREQUENCY (MHz)
0
10000
1
12
10
11
9
8
7
6
5
4
3
2
1
VS = ±5V
G = +2
RLOAD = 1kΩ
SOIC PACKAGE
10
100
1000
RS = 0
RS = 50
RS = 20
1
8
4
7
5
3
6
2
AD8099
C5
0.1
µF
CC
CF
C1
C4
10
µF
C2
10
µF
C3
0.1
µF
RC
RF
RG
RS
R1
+VS
–VS
VOUT
SOIC PINOUT SHOWN
VIN
DISABLE
Figure 68. Frequency Response for Various Values of RF, CF, RS
TOTAL OUTPUT NOISE CALCULATIONS AND DESIGN
To analyze the noise performance of an amplifier circuit, the
individual noise sources must be identified. Then determine if
the source has a significant contribution to overall noise perfor-
mance of the amplifier. To simplify the noise calculations, we
will work with noise spectral densities, rather than actual
voltages to leave bandwidth out of the expressions (noise
spectral density, which is generally expressed in nV/√Hz, is
equivalent to the noise in a 1 Hz bandwidth).
The noise model shown in Figure 69 has six individual noise
sources: the Johnson noise of the three resistors, the op amp
voltage noise, and the current noise in each input of the
amplifier. Each noise source has its own contribution to the
noise at the output. Noise is generally specified RTI (referred to
input), but it is often simpler to calculate the noise referred to
the output (RTO) and then divide by the noise gain to obtain
the RTI noise.
All resistors have a Johnson noise of √(4kBTR), where k is
Boltzmann’s Constant (1.38 × 10–23 J/K), T is the absolute
temperature in Kelvin, B is the bandwidth in Hz, and R is the
resistance in ohms. A simple relationship, which is easy to
remember, is that a 50 Ω resistor generates a Johnson noise of
1 nV√Hz at 25°C. The AD8099 amplifier has roughly the same
equivalent noise as a 50 Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com