Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV821
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV821 Datasheet(HTML) 2 Page - Texas Instruments

  LMV821 Datasheet HTML 1Page - Texas Instruments LMV821 Datasheet HTML 2Page - Texas Instruments LMV821 Datasheet HTML 3Page - Texas Instruments LMV821 Datasheet HTML 4Page - Texas Instruments LMV821 Datasheet HTML 5Page - Texas Instruments LMV821 Datasheet HTML 6Page - Texas Instruments LMV821 Datasheet HTML 7Page - Texas Instruments LMV821 Datasheet HTML 8Page - Texas Instruments LMV821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434G – FEBRUARY 2004 – REVISED AUGUST 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
Reel of 3000
LMV821DCKR
SC-70 – DCK
RY_
Reel of 250
LMV821DCKT
Single
Reel of 3000
LMV821DBVR
SOT-23 – DBV
RB8_
Reel of 250
LMV821DBVT
Tube of 75
LMV822D
SOIC – D
MV822
Reel of 2500
LMV822DR
Dual
–40
°C to 85°C
Tube of 100
LMV822DGK
MSOP/VSSOP – DGK
RA_
Reel of 2500
LMV822DGKR
Tube of 50
LMV824D
SOIC – D
LMV824
Reel of 2500
LMV824DR
Quad
Tube of 90
LMV824PW
TSSOP – PW
MV824
Reel of 2000
LMV824PWR
TVSOP – DGV
Reel of 2000
LMV824DGVR
MV824
Reel of 3000
LMV821IDCKR
SC-70 – DCK
RZ_
Reel of 250
LMV821IDCKT
Single
Reel of 3000
LMV821IDBVR
SOT-23 – DBV
RB1_
Reel of 250
LMV821IDBVT
Tube of 75
LMV822ID
SOIC – D
MV822I
Reel of 2500
LMV822IDR
Dual
–40
°C to 125°C
Tube of 100
LMV822IDGK
MSOP/VSSOP – DGK
R8_
Reel of 2500
LMV822IDGKR
Tube of 50
LMV824ID
SOIC – D
LMV824I
Reel of 2500
LMV824IDR
Quad
Tube of 90
LMV824IPW
TSSOP – PW
MV824I
Reel of 2000
LMV824IPWR
TVSOP – DGV
Reel of 2000
LMV824IDGVR
MV824I
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DGK: The actual top-side marking has one additional character that designates the assembly/test site.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com