Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BAV23
Description  Silicon Epitaxial Planar Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV23 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV23 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV23 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV23 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High voltage switching diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Units
Maximum Repetitive Reverse Voltage
VRRM
250
V
Reverse Voltage
VR
200
V
Forward Current
IF(AV)
400
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-repetitive Peak Forward Surge Current
at t = 10 ms
at t = 100 μs
at t = 1 μs
IFSM
1.7
3
9
A
Power Dissipation
Ptot
350
mW
Thermal Resistance Junction to Ambient Air
RθJA
357
O
C/W
Operating Junction and Storage Temperature Range
Tj, Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
250
-
V
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
-
-
1
1.25
V
Reverse Current
at VR = 200 V, Tj = 25 OC
at VR = 200 V, Tj = 150 OC
IR
-
-
100
100
nA
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
Ctot
-
5
pF
Reverse Recovery Time
at IF = IR = 30 mA, Irr = 0.1 X IR, RL = 100 Ω
trr
-
50
ns
1
3
2
3
1
2
1
3
2
2
1
3
BAV23
BAV23SE
BAV23CC
BAV23CA
BAV23
Marking:
HC
BAV23SE
Marking:
PY
BAV23CC
Marking:
PZ
BAV23CA
Marking:
RA
SOT-23
1
2
3
BAV23 / SE / CC / CA
Silicon Epitaxial Planar Diodes
1 / 3
www.pingjingsemi.com
Revision:1.0 Jun-2018
Features


Similar Part No. - BAV23

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
General purpose double diode
1996 Sep 17
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
General Purpose Double Diode
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23 Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
logo
SEMTECH ELECTRONICS LTD...
BAV23 SEMTECH_ELEC-BAV23 Datasheet
180Kb / 2P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
More results

Similar Description - BAV23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com