Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AF-PJ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # ES1AF-PJ
Description  SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

ES1AF-PJ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  ES1AF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, ES1AF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, ES1AF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.30 
3.70 
4.40 
4.90 
1.30 
1.60 
2.40 
2.80 
0.18 
0.30 
0.90 
1.10 
Dimensions in millimeters
PACKAGE OUTLINE
Device
Package
Shipping
ES1AF-
PJ thru ES1JF-PJ
SMAF
3,000/Tape & Reel (7 inches)
10,000/ Tape & Reel (13 inches)
SMAF
ORDERING INFORMATION
ES1A
F-PJ thru ES1JF-PJ
www.pingjingsemi.com
/ 3
Revi
sion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com