Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3AC-PJ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # ES3AC-PJ
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

ES3AC-PJ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  ES3AC-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, ES3AC-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, ES3AC-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
Fig.3 Typical Reverse Characteristics
20
100
60
0
0.1
1.0
10
% of PIV.VOLTS
100
40
80
300
TJ=25°C
TJ=75°C
TJ=125°C
Fig.4 Typical Forward Characteristics
2.5
0
0.01
0.1
1.0
10
0.001
0.5
1.0
1.5
2.0
Instaneous Forward Voltage (V)
TJ=25°C
ES3JC
-PJ
ES3EC
-PJ/ES3GC-PJ
ES3AC
-PJ~ES3DC-PJ
50 ohm
Noninductive
25Vdc
approx
+
-
D.U.T
10 ohm
Noninductive
NonInductive
1 ohm
OSCILLOSCOPE
Note 1
PULSE
GENERATOR
Note 2
Note:1. Rise Time = 7ns, max.
Input Impedance = 1megohm,22pF.
2. Ries Time =10ns, max.
Source Impedance = 50 ohms.
Fig.1 Reverse Recovery Time Characteristic And Test Circuit Diagram
-0.25
-1.0
0
+0.5
trr
10ns/div
Set time Base for 10ns/div
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
150
175
50
75
100
125
Case Temperature (
°C)
Fig.2 Maximum Average Forward Current Rating
100
0.1
1
10
100
1.0
10
Reverse Voltage (V)
TJ=25°C
Fig.5 Typical Junction Capacitance
TJ=25
°C
f = 1.0MHz
Vsig = 50mVp-p
3.5
Single phase half-wave 60 Hz
resistive or inductive load
18
36
54
72
90
00
10
100
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles
1
108
8.3 ms Single Half Sine Wave
(JEDEC Method)
126
ES3AC-
PJ thru ES3JC-PJ
SUPERFAST RECOVERY RECTIFIERS
2 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com