Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD7000 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBD7000
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBD7000 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBD7000 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBD7000 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBD7000 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD7000
Silicon Epitaxial Planar Switching Diode
2 / 3
Typical Characteristic Curves
0
25
125
150
0
100
200
300
400
Power Derating Curve
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
www.pingjingsemi.com
Revis
ion:1.0 Jun-2019
0
4
16
20
1.0
1.1
1.2
1.3
1.4
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.1
1
10
100
0
20
80
100
1
10
100
1000
10000
Capacitance Characteristics
T
a
=25C
f=1MHz
8
12
REVERSE VOLTAGE
V
R
(V)
Forward
Characteristics
FORWARD VOLTAGE
V
F
(V)
200
Pulsed
Pulsed
T
a
=25C
T
a
=100C
Reverse
Characteristics
40
60
REVERSE VOLTAGE
V
R
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com