Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ACP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8099ACP-R2
Description  Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ACP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8099ACP-R2 Datasheet HTML 4Page - Analog Devices AD8099ACP-R2 Datasheet HTML 5Page - Analog Devices AD8099ACP-R2 Datasheet HTML 6Page - Analog Devices AD8099ACP-R2 Datasheet HTML 7Page - Analog Devices AD8099ACP-R2 Datasheet HTML 8Page - Analog Devices AD8099ACP-R2 Datasheet HTML 9Page - Analog Devices AD8099ACP-R2 Datasheet HTML 10Page - Analog Devices AD8099ACP-R2 Datasheet HTML 11Page - Analog Devices AD8099ACP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8099
Rev. B | Page 8 of 28
FREQUENCY (MHz)
1
5
8
7
6
12
11
10
9
14
13
15
10
100
1000
G = +5
VS = ±5V
VOUT = 2V p-p
RL = 100Ω, SOIC
RL = 1kΩ, SOIC
RL = 100Ω, CSP
RL = 1kΩ, CSP
Figure 17. Large Sign
us Load Resistances
al Frequency Response for Vario
FREQUENCY (MHz)
1
0.001
10
100
1000
0.1
1.0
10.0
0.01
100.0
VS = ±5V
G = +2
Figure 18. Input Impedance vs. Frequency
FREQUENCY (MHz)
0.1
0.01
1
10
100
100
0.1
1
10
1000
G = +2
G = +5
G = +10
VS = ±5V
Figure 19. Output Impedance
. Frequency for Various Gains
vs
FREQUENCY (MHz)
1
5
8
7
6
12
11
10
9
14
13
15
10
100
1000
G = +5
RL = 1kΩ
VOUT = 2V p-p
VS = ±2.5V, CSP
VS = ±2.5V, SOIC
VS = ±5V, CSP
VS = ±5V, SOIC
Figu
es
–80
–40
–60
–20
–50
–70
–30
–10
re 20. Large Signal Frequency Response for Various Supply Voltag
FREQUENCY (MHz)
0.1
–90
1
10
100
1000
SOIC
CSP
G = +2
RL = 1kΩ
VS = ±5V
VDIS = 0V
Figure 21. Off Isolation vs. Frequency
FREQUENCY (MHz)
0.1
1.0
10.0
–120
–50
–100
–90
–80
–70
–60
–110
SOLID LINES – SECOND HARMONICS
DOTTED LINE – THIRD HARMONICS
SOLID LINES – SECOND HARMONICS
RMONICS
DOTTED LINES – THIRD HA
G = +5
VOUT = 2V p-p
VS = ±5V
RL = 100Ω
SOIC
CSP
Figure 22. Harmonic D
tion vs. Frequency
istor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com