Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3ABF-PJ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # S3ABF-PJ
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

S3ABF-PJ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  S3ABF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, S3ABF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, S3ABF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8.3 ms Single Half Sine Wave
(JEDEC Method)
Single phase half-wave 60 Hz
resistive or inductive load
RATINGS AND CHARACTERISTIC CURVES
F .1 F
a
C
e
De a
C
e
F .2
a Re e e C a a e
100
3.0
TJ=125°C
10
2.0
1.0
1.0
TJ=25°C
0.0
0.1
25
50
75
100
125
150
175
00
20
40
60
80
100
120
140
s
F .4
a
Ca a
a
e
10
TJ=25°C
100
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
0.1
1.0
10
100
Reverse Voltage (V)
1
10
100
Number of Cycles
20
40
60
80
00
0.1
TJ=25°C
120
100
Instaneous Forward Voltage (V)
Case Temperature (°C)
Percent of Rated Peak Reverse Voltage (%)
S3ABF
-PJ thru S3MBF-PJ
2 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com