Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4AC-PJ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # S4AC-PJ
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

S4AC-PJ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  S4AC-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, S4AC-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, S4AC-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
100
0.1
1
10
100
1.0
10
Reverse Voltage (V)
TJ= 25°C
20
40
60
120
00
10
100
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles
1
25
50
75
100
125
150
175
Case Temperature (°C)
Fig.1 Forward Current Derating Curve
1.0
2.0
6.0
0.0
Fig.4 Typical Junction Capacitance
0.1
1.0
1.2
1.6
Instaneous Forward Voltage (V)
0.4
10
Fig.3 Typical Forward Characteristic
1.0
1.4
0.6
0.8
1.8
TJ=25°C
Single phase half-wave 60 Hz
resistive or inductive load
3.0
4.0
5.0
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
120
140
00
20
40
60
80
100
percent of Rated Peak Reverse Voltage (%)
TJ=125°C
TJ=25°C
7.0
80
100
8.3 ms Single Half Sine Wave
(JEDEC Method)
S
4AC-PJ thru S4MC-PJ
2 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com