Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # S3JB-PJ
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

S3JB-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  S3JB-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, S3JB-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, S3JB-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S3AB-PJ thru S3MB-PJ
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
Forward Current: 3 A
Reverse Voltage: 50 to 1000 V
FEATURES
For Surface Mounted Applications
Low Profile Package
Glass Passivated Chip Junction
Easy to Pick and Place
Lead Free in Comply with EU RoHS 2011/65/EU
Directives
MECHANICAL DATA
Case: SMB
Terminals: Solderable Per MIL-STD-750, Method 2026
Weight: Approx. 0.055g
PINNING
PIN
DESCRIPTION
1
Cathode
2
Anode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL S3AB
-PJ
S3BB
-PJ
S3DB
-PJ
S3GB
-PJ
S3JB
-PJ
S3KB
-PJ
S3MB
-PJ
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
IF(AV)
3
A
Peak Forward Surge Current Note 1
IFSM
90
A
Max Instantaneous Forward Voltage at 3 A
VF
1.1
V
Maximum DC Reverse Current TA = 25°C
at Rated DC Reverse Voltage
TA =125°C
IR
5
100
μA
Typical Junction Capacitance Note 2
CJ
35
pF
Typical Thermal Resistance Note 3
RθJA
RθJC
48
16
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
1
2
Top View
Marking Code
: S3A~S3M
Simplified outline SMB and symbol
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017


Similar Part No. - S3JB-PJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
logo
Taiwan Semiconductor Co...
S3JB-K;S3JB;SOD-214AA TSC-S3JB-K;S3JB;SOD-214AA Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
logo
Won-Top Electronics
S3JB-T3 WTE-S3JB-T3 Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S3JB-T3 WTE-S3JB-T3 Datasheet
52Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
September, 2012
More results

Similar Description - S3JB-PJ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
Shanghai Yint Electroni...
S3AC YINT-S3AC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S3AB YINT-S3AB Datasheet
494Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2ABF YINT-S2ABF Datasheet
498Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
G801DS YFWDIODE-G801DS Datasheet
486Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
M1-PJ PJSEMI-M1-PJ Datasheet
902Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2AF-PJ PJSEMI-S2AF-PJ Datasheet
561Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
S3ABF-PJ PJSEMI-S3ABF-PJ Datasheet
693Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
SHIKUES Electronics
S2ABF SKTECHNOLGY-S2ABF Datasheet
439Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com