Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3MB-PJ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # S3MB-PJ
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

S3MB-PJ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  S3MB-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, S3MB-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, S3MB-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
Unit
A
D
E
HE
C
e
g
a
mm
max
2.44
4.70
3.94
5.59
0.305
2.2
1.5
0.2
min
1.98
3.99
2.54
4.93
0.152
1.3
0.76
0.05
THE RECOMMENDED MOUNTING PAD SIZE
ORDERING INFORMATION
Device
Package
Shipping
S3AB-PJ thru S3MB-PJ
SMB
3000PCS/ Reel & Tape (13inch)
SMB
D
g
HE
Unit :mm
(mil)
2.2
(86)
2.4
(94)
2.4
(94)
S3AB-PJ thru S3MB-PJ
3 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com