Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2MBF-PJ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # US2MBF-PJ
Description  SURFACE ULTREAFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

US2MBF-PJ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  US2MBF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, US2MBF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, US2MBF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
Device
Package
Shipping
US2ABF-
PJ thru US2MBF-PJ
SMBF
5,000/ Tape & Reel (13 inches)
SMBF
ORDERING INFORMATION
4.20
4.40
5.10
5.50
1.90
2.20
3.50
3.70
0.18
0.26
1.10
1.30
Dimensions in milimeters
US2ABF-
PJ thru US2MBF-PJ
SURFACE ULTRAFAST RECOVERY RECTIFIERS
3 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com