Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8099ACPZ-R2
Description  Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8099ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8099
Rev. B | Page 12 of 28
TIME (ns)
010
–1.5
–0.5
–1.0
1.0
0.5
0
1.5
20
30
40
50
G = +10
RL = 1kΩ
VS = ±2.5V
VS = ±5.0V
Figure 41. L
ltage (CSP)
arge Signal Transient Response vs. Supply Vo
TIME (ns)
010
–1.5
–0.5
–1.0
1.0
0.5
0
1.5
20
30
40
50
VS = ±5.0V
G = +10
RL = 1kΩ
VS = ±2.5V
F
)
igure 42. Large Signal Frequency Response vs. Supply Voltage (SOIC
TIME (ns)
010
–1.5
–0.5
–1.0
1.0
0.5
0
1.5
20
30
40
50
RL = 1kΩ, 100Ω
G = +5
VS = ±5V
VS = ±2.5V
Fig
d
Load Resistance (SOIC and CSP)
ure 43. Large Signal Transient Response for Various Supply Voltages an
s
TIME (ns)
0
5
10
15
20
25
30
35
40
–1.5
–0.5
–1.0
0
0.5
1.0
1.5
–0.3%
–0.1%
–0.2%
0%
0.1%
0.2%
0.3%
45
INPUT
ERROR
OUTPUT
G = +2
RLOAD = 1kΩ
Vs = ±5V
Figu
)
re 44. Short Term Settling Time (CSP
TIME (ns)
0
5
10
15
20
25
30
35
40
–1.5
–0.5
–1.0
0
0.5
1.0
1.5
–0.3%
–0.1%
–0.2%
0%
0.1%
0.2%
0.3%
45
G = +2
RLOAD = 1kΩ
Vs = ±5V
INPUT
ERROR
OUTPUT
Figure 45. Short Term Settling Time (SOIC)
TIME (
µs)
0
50
100
150
200
250
300
350
400
450
–1.5
–0.5
–1.0
0
0.5
1.0
1.5
–0.30%
–0.10%
–0.20%
0%
0.10%
0.20%
0.30%
500
INPUT
ERROR
OUTPUT
G = +2
VS = ±5V
Figure 46. Long Term Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com