Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCVH-080U080 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LCVH-080U080
Description  Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCVH-080U080 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCVH-080U080 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCVH-080U080 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCVH-080U080 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCVH-080U080 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. LCVH-080U080 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● High Operating Ambient Temp: -30℃~+70℃
● Surge protection: L-N 2KV, L-FG/N-FG 4KV
● Safety: UL 60950 / PSE / CB
● EMI: FCC Part 15 Class B / CE
● IP 67 Compliant
● Warranty: 5 years (refer to warranty policy)
● RoHS Compliant
100VAC 120VAC 200VAC 277VAC 100VAC 120VAC 200VAC 277VAC
80.0%
82.0%
83.0%
83.0%
0.98
0.98
0.95
0.92
85.0%
86.0%
87.0%
87.0%
0.98
0.98
0.95
0.92
85.0%
86.0%
88.0%
88.0%
0.98
0.98
0.95
0.92
88.0%
88.0%
89.0%
89.0%
0.98
0.98
0.95
0.92
88.0%
89.0%
90.0%
90.0%
0.98
0.98
0.95
0.92
88.0%
89.0%
90.0%
90.0%
0.98
0.98
0.95
0.92
88.0%
89.0%
90.0%
90.0%
0.98
0.98
0.95
0.92
Units
Vac
Hz
A
A
mA
%
Units
%
%
%
V
s
Units
Io
℃
Units
℃
%RH
℃
℃
%RH
g
PRODUCT SPECIFICATION
LCVH-080U120
80.4
6.7
EFFICIENCY (Typ.)
LCVH-080U300
LCVH-080U360
82.8
2.3
±5%
±5%
90
Power Supply
80-LCVH Series
LCVH-080U080
80
10
±5%
Non-condensing
±5%
DC OUTPUT
VOLTAGE
(V)
8
MODEL
DC OUTPUT
POWER
(W)
OUTPUT
CURRENT
(A)
OUTPUT
VOLTAGE
TOLERANCE
3.4
±5%
81
30
2.7
LCVH-080U420
79.8
1.9
±5%
LCVH-080U480
81.6
1.7
±5%
48
42
Min.
Max.
Conditions/Description
Input Voltage Range
90
305
0.45
Input Frequency Range
47
63
Input Current
100VAC in
100-277VAC,100% load
Total Harmonics Distortion (THD)
N/A
Inrush Current
65
Leakage Current
±5
Line Regulation
±3
Ripple and Noise (pk-pk)
0.5
20MHz Bandwidth. See note (3)
Load Regulation
±3
Output Voltage Regulation
2
*Measured at 100-277VAC and at full load
Protection Functions
Min.
Max.
Conditions/Description
Auto recovery
Over Voltage Protection
Latching,See individual models OVP levels
Latching,re-power on to recover
Environmental Conditions
Min.
Max.
Conditions/Description
95
Typ.
Over Temp Protection (Tc)
Operating Temperature (Ta)
-30
70
Non-condensing
Operating Case Temperature (Tc)
90
Case temperature measured at the case hot spot
Measured at 100Vac,Ta 70℃
Operating Humidity
10
Storage Temperature
-40
80
Non-condensing
Storage Humidity
10
95
Non-condensing
Life Time
Measured at 277Vac, 45,000 hours at Tc 75°C .
Dimensions(L*W*H)
208.4 * 72 * 38.5 mm
8.2 * 2.83 * 1.52 inch
Weight
1000
LCVH-080U240
81.6
24
Auto recovery
Typ.
1
Max.
Over Current Protection
Typ.
160%
Short Circuit Protection
Turn-on Delay Time
230VAC in
Input Specifications
Min.
● AC Input 100~277VAC
● Built-in Active PFC Function
● Protection: SCP / OVP / OTP / OCP
Typ.
Power Factor (PF)
0.9
12
Power Factor (Typ.)
Conditions/Description
230VAC in,25℃ Cold start
Output Specifications
36
FEATURES:
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCVH-080U080

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCVH-080X240 LINKCOM-LCVH-080X240 Datasheet
131Kb / 2P
AC Input 90~305Vac OVP / OTP / SCP / OCP
LCVH-080X480 LINKCOM-LCVH-080X480 Datasheet
131Kb / 2P
AC Input 90~305Vac OVP / OTP / SCP / OCP
More results

Similar Description - LCVH-080U080

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com