Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LLC
Description  Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LLC Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LLC Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LLC Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LLC Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LLC Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. LLC Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. LLC Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
● AC Input 120~277 VAC
● Built-in Active PFC Function
● Protection: SCP / OVP / OTP
● Dim to off for standby power :120Vac<0.1W, 277Vac<0.4W
● Optional Auxiliary Output (12V/24V)
● Flicker Free
● High Operating Ambient Temp.: -30℃~+50℃
● Surge Protection: L-N 4KV, L-FG/N-FG 6KV
● Safety: Compliant UL 8750
● EMI: Comply with FCC Part 15 class B
● IP 67 Compliant
● Warranty: 5 years (refer to warranty policy)
● RoHS Compliant
108VAC 120VAC 200VAC 277VAC 108VAC 120VAC 200VAC 277VAC
86.0%
88.0%
89.0%
90.0%
0.99
0.98
0.96
0.93
85.0%
87.0%
89.0%
90.0%
0.99
0.98
0.96
0.93
85.0%
87.0%
88.0%
89.0%
0.99
0.98
0.96
0.93
85.0%
87.0%
88.0%
89.0%
0.99
0.98
0.96
0.93
85.0%
87.0%
88.0%
89.0%
0.99
0.98
0.96
0.93
85.0%
87.0%
88.0%
89.0%
0.99
0.98
0.96
0.92
86.0%
88.0%
89.0%
90.0%
0.99
0.98
0.96
0.92
Units
Vac
Hz
A
A
mA
%
Units
%
%
%
V
s
V
A
Units
Units
℃
%RH
℃
℃
%RH
g
● 0-10V Dimming / Dim-to-off (Optional for customization )
Auxiliary Output Source Current
24
± 5% Tolerance (Available for customization)
0
0.2
Auxiliary Output Voltage
Min.
Max.
Conditions/Description
Input Voltage Range
108
305
Input Frequency Range
47
63
EFFICIENCY (Typ.)
LLC100U392AAC0
92.4
Non-condensing
DC OUTPUT
VOLTAGE
(V)
±5%
90
Power Supply
LLC Series
PRODUCT SPECIFICATION
LLC100U182AAC0
93.6
1.8
MODEL
DC OUTPUT
POWER
(W)
OUTPUT
CURRENT
(A)
OUTPUT
CURRENT
TOLERANCE
28-52
LLC100U212AAC0
92.4
2.1
±5%
3.5
±5%
2.7
±5%
LLC100U322AAC0
Input Specifications
12-24
3.85
LLC075U142AAC0
75.6
LLC085U352AAC0
27-54
1.4
±5%
84
Input Current
108VAC in
Inrush Current
65
230VAC in,25℃ Cold start
Leakage Current
0.75
277VAC in
Typ.
Power Factor (PF)
0.9
108-277VAC,100% load
Total Harmonics Distortion (THD)
20
5
Output Specifications
Min.
Max.
Conditions/Description
Line Regulation
±3
Conditions/Description
Load Regulation
±3
1
*Measured at 120-277VAC and at full load
Output Current Regulation
-5
Ripple Current
<8% of rated output current
*Measured at electronic load LED mode and nominal input voltage
with DC10V dimming.
Turn-on Delay Time
Ripple and Noise (pk-pk)
0.52
20MHz Bandwidth. See note (3)
Over Voltage Protection
Auto recovery,See individual models OVP levels
Auto recovery
Over Temp Protection (Tc)
Latching,re-power on to recover
10
Environmental Conditions
Min.
Max.
Conditions/Description
Non-condensing
Operating Temperature (Ta)
-30
50
Non-condensing
Operating Case Temperature (Tc)
90
Case temperature measured at the case hot spot
Measured at 120Vac, Ta 50℃
Operating Humidity
Storage Temperature
-40
80
Non-condensing
Storage Humidity
10
95
Life Time
Measured at 277Vac, 70,000 hours at Tc. 75°C for LLC100U182AAC0.
Dimensions(L*W*H)
177 * 67.3 * 36.5 mm
【6.97 * 2.65 * 1.44 inch】
Weight
LLC100U272AAC0
91.8
17-34
Min.
Max.
Typ.
1.2
760
Power Factor (Typ.)
±5%
22-44
12-24
Typ.
Protection Functions
±2.5
Short Circuit Protection
91.35
15-29
3.15
±5%
Typ.
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LLC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
FROST PROTECTION THERMOSTAT
logo
Inventronics Inc.
LLC-012S035RSP INVENTRONICS-LLC-012S035RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S050RSP INVENTRONICS-LLC-012S050RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S070RSP INVENTRONICS-LLC-012S070RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012SXXXRSP INVENTRONICS-LLC-012SXXXRSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
More results

Similar Description - LLC

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com