Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRI002U321TLN0 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # TRI002U321TLN0
Description  Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

TRI002U321TLN0 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  TRI002U321TLN0 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. TRI002U321TLN0 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. TRI002U321TLN0 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. TRI002U321TLN0 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. TRI002U321TLN0 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● Working with Leading Edge(SLV-600P-WH) and Trailing Edge Dimmers
● AC Input 108~132 VAC , TRIAC dimming for 120VAC only.
● Built-in Active PFC Function
● Protection: Line/ SCP / OVP
● High Operating Ambient Temp.: -20℃~+50℃
● Safety: UL 8750
● EMI: FCC Part 15 Class B
● Warranty: 5 years. (refer to warranty policy)
● RoHS Compliant
Model Number Code
Units
Vac
Hz
A
A
mA
%
Units
%
%
%
V
s
Units
V
Vac
Units
%RH
%RH
g
Min.
Typ.
Output Specifications
Power Factor (PF)
0.9
120VAC in,25℃ Cold start
Inrush Current
Power Supply
EFFICIENCY (Typ.)
292~337mA
2.5~6
(5)
0.315
Conditions/Description
Max.
Conditions/Description
Typ.
Life Time
48
Measured at 120Vac, 43200 hr at Ta 50°C.
Dimensions(Ø *H)
Ø 34* 27.5mm
【Ø 1.34* 1.08inch】
Weight
Storage Temperature
-40
80
Non-condensing
Storage Humidity
10
95
Non-condensing
Operating Humidity
10
90
Non-condensing
Min.
Typ.
Max.
Conditions/Description
Operating Temperature (Ta)
-20
50
Non-condensing
Environmental Conditions
Short Circuit Protection
Auto recovery
Turn-on Delay Time
1
*Measured at 120VAC and full load
Min.
Protection Functions
Ripple and Noise (pk-pk)
2
20MHz Bandwidth. See note (3)
Without TRIAC
Line Regulation
±5
±7
120VAC in
Output Current Regulation
Conditions/Description
120VAC,100% load
Without TRIAC
Load Regulation
±5
Leakage Current
0.5
Max.
120VAC in
Input Frequency Range
57
63
Input Current
120VAC in
5
Input Voltage Range
108
120
132
Typ.
Max.
Input Specifications
Min.
TRI Series
TRI003U321TLN0
0.05
TRI002U321TLN0
292~337mA
3.15
5.5~10
(5)
0.315
FEATURES:
OUTPUT
CURRENT
(A)
OUTPUT
CURRENT
Range
Power Factor (Typ.)
1.89
PRODUCT SPECIFICATION
MODEL
DC OUTPUT
POWER
(W)
120VAC
60.0%
120VAC
0.9
Over Voltage Protection
Re-power on
DC OUTPUT
VOLTAGE
(V)
60.0%
LINE Protection
180
Auto recovery
Total Harmonics Distortion (THD)
20
120VAC,100% load
0.9
TRI
TRIAC
□ □ □
Pout
3W = 003
U
Safety
U = UL
□ □ □
Iout
315mA = 321
T
Dim Type
T = Triac Only
L
ACVin
L = 108~132V
N
0
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - TRI002U321TLN0

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
TRI005U351CAN0 LINKCOM-TRI005U351CAN0 Datasheet
618Kb / 5P
Power Supply
TRI005U351TAN0 LINKCOM-TRI005U351TAN0 Datasheet
618Kb / 5P
Power Supply
More results

Similar Description - TRI002U321TLN0

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com