Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRI003U321TLN0 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # TRI003U321TLN0
Description  Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

TRI003U321TLN0 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  TRI003U321TLN0 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. TRI003U321TLN0 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. TRI003U321TLN0 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. TRI003U321TLN0 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. TRI003U321TLN0 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Supply
TRI Series
FCC Part 15 Class B
(1) All parameters not specially mentioned are measured 120VAC input.
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
DIMENSIONS
*The above mechanical diagram is for reference only. The actual product should be in accordance with the specification for approval.
*REFERENCE: www.linkcom.com.tw
Surge Immunity
N/A
RF Electromagnetic Field
Susceptibility
N/A
Voltage Fluctuations & Flicker
Safety
UL
UL 8750, Class 2
(5) The DC output voltage range is without TRIAC dimmer.
N/A
N/A
Notes
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4) Specified for free-air convection cooling.
Voltage Dips
Power Frequency Magnetic Field
Conducted RF Disturbances
N/A
N/A
EMS Standards
Electrostatic Discharge (ESD)
Electrical Fast Transient
EMC Compliance and Safety
EMC Compliance
Conducted and Radiated Emmission
Harmonic Current Emissions
N/A
N/A
N/A
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com