Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC7I3DN Datasheet(PDF) 4 Page - Intel Corporation

Part # NUC7I3DN
Description  Intel NUC Board/Kit
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NUC7I3DN Datasheet(HTML) 4 Page - Intel Corporation

  NUC7I3DN Datasheet HTML 1Page - Intel Corporation NUC7I3DN Datasheet HTML 2Page - Intel Corporation NUC7I3DN Datasheet HTML 3Page - Intel Corporation NUC7I3DN Datasheet HTML 4Page - Intel Corporation NUC7I3DN Datasheet HTML 5Page - Intel Corporation NUC7I3DN Datasheet HTML 6Page - Intel Corporation NUC7I3DN Datasheet HTML 7Page - Intel Corporation NUC7I3DN Datasheet HTML 8Page - Intel Corporation NUC7I3DN Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
Intel NUC Board/Kit NUC7i3DN Technical Product Specification
iv
Board Identification Information
Basic Intel® NUC Board NUC7i3DNBE Identification Information
AA Revision
BIOS Revision
Notes
J57625-506
DNKBLi30.86A.0056
1,2
Notes:
1.
The AA number is found on a small label on the component side of the board.
2.
The Intel® Core™ i3-7100U processor is used on this AA revision consisting of the following component:
Device
Stepping
S-Spec Numbers
Intel Core i3
B0
SR343
Production Identification Information
Intel® NUC Products NUC7i3DN{x} Identification Information
Product Name
Intel® NUC Board
Differentiating Features
NUC7i3DNKE
NUC7i3DNB
Kit with power adapter
NUC7i3DNHE
HDD kit with power adapter
NUC7i3DNBE
Board
NUC7i3DNKTC
Kit with power adapter, Intel 128GB M.2 NVMe SSD,
4GB DDR4 SDRAM, Windows* 10 Pro
NUC7i3DNHNC
HDD kit with power adapter, 1TB HDD, 4GB DDR4
SDRAM, Windows* 10 Pro
Complete information on the Intel NUC Kits based upon this board are available on https://ark.intel.com.
Specification Changes or Clarifications
The table below indicates the Specification Changes or Specification Clarifications that apply to
the Intel NUC Board/Kit NUC7i3DN.
Specification Changes or Clarifications
Date
Type of Change
Description of Changes or Clarifications
2/2/2018
Clarification
Pin 1 designator on board silkscreen is incorrect for the following headers and
connectors: USB 2.0, HDMI CEC, Serial Port, SATA Power, and eDP. The pinout
information and pin 1 designators in the TPS are correct for these headers.
09/07/2018
Clarification
Added text to Wireless row of table in Feature Summary section:
“Pre-installed M.2 module”
11/12/2018
Clarification
Updated “Headless display emulation” and “Persistent display emulation”
information in “EDID Emulation Modes” section.
11/29/2018
Clarification
In the “Integrated Audio Provided by the HDMI interfaces” section, changed
“192kHz/16-bit” to “192kHz/24-bit”
10/21/2019
Clarification
Clarified Board vs Kit environmental specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com